Part Number Hot Search : 
KTC5242 GS25E12 ST10F273 PE4074 14B101 2SD601 A52RA 25016
Product Description
Full Text Search
 

To Download 17-10036 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  recommended panel cutout 1 1 2 2 3 3 4 4 5 5 6 6 a a b b c c d d a3 1/1 rev. changes date name r t h i s d r a w i n g m a y n o t b e c o p i e d o r r e p r o d u c e d i n a n y w a y , a n d m a y n o t b e p a s s e d o n t o a t h i r d p a r t y w i t h o u t w r i t t e n p e r m i s s i o n . o w n e r s h i p a n d c o p y r i g h t o f c o n e c c o r p o r a t i o n d o t n o t a l t e r c a d d r a w i n g b y h a n d 2007 draw. appd. norm d-old din scale: part no.: material: title: drawing no.: sheet autodesk inventor dim. in approval date name title customer: a b c d origin jan/28/08 apr/17/09 apr/29/09 vincent ke vincent ke vincent ke date oct. 25 oct. 25 j. chaudry vincent ke name 1.5:1 mm see notes receptacle assembly kit industrial ethernet connector (ip67) with cat. 5e rj45 pcb jack 39k1a333 see p/n above tolerance unless otherwise specified 0 plc ` 0.50 1 plc ` 0.38 2 plc ` 0.25 3 plc ` 0.10 angles ` 3 ~ directive 2002/95/ec "rohs" compliant notes: 1. electrical specifications: - meets eia/tia-568-b.2 cat.5e specification - contact resistance: 20mohm max. - insulation resistance: 500mohm min. @ 100 vdc - current rating: 1.2a max. at 25 ~ c - working voltage: 100 vdc - dwv: 1000 vdc/60s contact to contact, 1500 vdc/60s contact to metal shell - operating temperature: -40 ~ c to +85 ~ c 2. material and finish: - receptacle housing: polyester (black) or metallized abs (nickel plated); ul94 v-0 - panel nut: brass, finish: nickel plated - panel gasket: silicone, color: white - rj45 pcb jack metal shell: copper alloy, nickel plated - rj45 pcb jack plastic housing: glass filled pbt ul94 v-0, color: black - rj45 pcb jack contacts: phosphor bronze, finish: 50u" gold min. over nickel 3. connector can be front or rear mounted to a maximum panel thickness of 3.2mm. 4. rohs compliant 28.10 n ` 0.05 2 6 . 6 0 ` 0 . 0 5 panel nut panel gasket receptacle housing (plastic or metallized plastic with bayonet locking style) panel flange shielded cat. 5e rj45 pcb jack accepts both solid and stranded awg 24 to 26 wires bayonet channel x 3 3.5 19.4 2.0 36.18 max. 3 2 . 0 n 34 3 7 . 7 5 r e f . sealed with epoxy, provides ip67 even when uncovered (for potted version only) part number 17-10017 17-10018 description plastic version metallized plastic version potted plastic version potted metallized plastic version 17-10036 17-10035 c d d


▲Up To Search▲   

 
Price & Availability of 17-10036

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X